PART |
Description |
Maker |
EL7512CYZ EL7512CY EL7512CYZ-T13 EL7512CYZ-T7 EL75 |
High Frequency PWM Step-Up Regulator 1.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7551CU-T13 EL7551CU-T7 EL7551 EL7551CU |
Monolithic 1Amp DC:DC Step-down Regulator 2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16
|
Intersil, Corp. Intersil Corporation
|
MAX8507ETE |
Quadruple 2-Input Positive-AND Gates 14-CDIP -55 to 125 3.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX1928EUB15T |
Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters 0.8 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc.
|
LTC3602EUFTRPBF LTC3602IFETRPBF LTC3602EFEPBF |
2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC20 2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16 2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
MAX1820XEBC MAX1821EBC |
Analog IC 1.55 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PBGA10 From old datasheet system Analog IC - Datasheet Reference
|
Maxim Integrated Products, Inc. Maxim Integrated Products Inc
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|
PQ1CY1032ZXH PQ1CY1032ZPH PQ1CY1032ZZH |
Maximum switching current: 3.5A To-263 Surface Mount Type Chopper Regulator 3.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PSSO5
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components] SHARP ELECTRONICS CORP
|
MC33363APG |
High Voltage Switching Regulator 1.5 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP16
|
ON Semiconductor
|